Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS7082N Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7082N
Description  QUADRATURE CLOCK CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7082N Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7082N Datasheet HTML 1Page - LSI Computer Systems LS7082N Datasheet HTML 2Page - LSI Computer Systems LS7082N Datasheet HTML 3Page - LSI Computer Systems LS7082N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7082N-041906-3
UPCK (x2)
A
B
INDX
UPCK (x1)
DNCK (x1)
DNCK (x2)
UPCK (x4)
INDX
UP/DN
TPW
TDS
TPS
Tow
TDS
FIGURE 2. LS7082N INPUT/OUTPUT TIMING DIAGRAM
DNCK (x4)
MUX
CLOCK
AND
DIRECTION
DECODE
DUAL
ONE-SHOT
DUAL
ONE-SHOT
CURRENT
MIRROR
V DD
FIGURE 3. LS7082N BLOCK DIAGRAM
x2 CLOCK
14
11
13
12
3
5
9
10
8
1
4
2
INDX
A
B
x2
INDX
V SS
FILTER
RBIAS
+V
-V
x4/x1
FILTER
UP/DN


Similar Part No. - LS7082N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7082N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com