Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-011013-TB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-011013-TB
Description  Excellent Temperature Stability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-011013-TB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MACP-011013-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MACP-011013-TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
20 dB Coupler
5 - 1500 MHz
Rev. V2
MACP-011013
5
55
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Frequency Range
-
MHz
5
1500
Impedance
-
Ω
-
75
-
Coupling Ratio
-
dB
-
20
-
Coupling
(Pin 1 - Pin 3)
5 - 700 MHz
700 - 1200 MHz
1200 - 1500 MHz
dB
-
-
-
20.0
20.0
20.0
-
-
-
Coupling Flatness
5 - 1218 MHz
5- 1500 MHz
dB
-
0.5
0.7
-
-
Coupling Tilt
5 - 1218 MHz
5 - 1500 MHz
dB
-
1.55
2.00
-
-
Main Line Loss
(Pin 1 - Pin 6)
5 - 1250 MHz
1250 - 1500 MHz
dB
-
-
0.57
0.93
-
-
Isolation
(Pin 1 - Pin 4)
5 - 1250 MHz
1250 - 1500 MHz
dB
-
-
27
24
-
Input Return Loss
(Pin 1)
5 - 1250 MHz
1250 - 1500 MHz
dB
-
-
22
19
-
Output Return Loss
(Pin 6)
5 - 1250 MHz
1250 - 1500 MHz
dB
-
-
22
19
-
Coupling Return Loss
(Pin 3)
5 - 1250 MHz
1250 - 1500 MHz
dB
-
-
22
19
-
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0 dBm
“Application Section for Alternative Pin Configuration”
1
Input
2
Ground
3
Coupled
4
Isolated
5
Not Connected
6
Output
Pin Configuration
Functional Schematic


Similar Part No. - MACP-011013-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
MACP-011010-TB MA-COM-MACP-011010-TB Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
MACP-011014 MA-COM-MACP-011014 Datasheet
525Kb / 4P
   RoHS compliant and Pb free
MACP-011014-TB MA-COM-MACP-011014-TB Datasheet
525Kb / 4P
   RoHS compliant and Pb free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
More results

Similar Description - MACP-011013-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
Vanlong Technology Co.,...
DF-SERIES VANLONG-DF-SERIES Datasheet
38Kb / 1P
   Excellent temperature stability
logo
M/A-COM Technology Solu...
MABA-011010 MA-COM-MABA-011010 Datasheet
729Kb / 4P
   Excellent temperature stability
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-011073 MA-COM-MABA-011073 Datasheet
804Kb / 6P
   Excellent temperature stability
MAPD-011040 MA-COM-MAPD-011040 Datasheet
909Kb / 7P
   Excellent temperature stability
logo
Vectron International, ...
OX202 VECTRON-OX202 Datasheet
497Kb / 4P
   Excellent temperature stability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com