Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2975T5-5.0 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2975T5-5.0
Description  400mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2975T5-5.0 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2975T5-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2975T5-5.0 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Date: 6/30/04
SPX2975 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1V
IN
LDO Input. Bypass V
IN to GND with a Ceramic capacitor.
2RO
Reset Output. RO remains low while V
OUT is below the reset switching
threshold. RO is in open conector output.
3
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the
circuit-board ground plane to maximize thermal dissipation.
4RD
Reset Delay. RD connects capacitor to GND for setting delay time.
5V
OUT
LDO Output. Bypass V
OUT to GND with a minimum 22µF capacitor with
ESR less than 5Ω at 10kHz.
Buffer
Temperature
Sensor
Current
Limit
Bandgap
Reference
4
1
VIN
RD
Saturation
Control &
Protection
Circuit
Reset
Generator
3
GND
2
RO
VOUT
5
FUNCTIONAL DIAGRAM
VOUT
VRD
VRO
Td
VthH = 1.8V
VthL = 0.4V
<Trr
Trr
VROL = 0.2V
Vth = 4.65V
Reset Timing


Similar Part No. - SPX2975T5-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975T5-50 SIPEX-SPX2975T5-50 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2975T5-50/TR SIPEX-SPX2975T5-50/TR Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2975T5-5.0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com