Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2951 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2951
Description  150mA Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2951 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2951 Datasheet HTML 5Page - Sipex Corporation SPX2951 Datasheet HTML 6Page - Sipex Corporation SPX2951 Datasheet HTML 7Page - Sipex Corporation SPX2951 Datasheet HTML 8Page - Sipex Corporation SPX2951 Datasheet HTML 9Page - Sipex Corporation SPX2951 Datasheet HTML 10Page - Sipex Corporation SPX2951 Datasheet HTML 11Page - Sipex Corporation SPX2951 Datasheet HTML 12Page - Sipex Corporation SPX2951 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
SPX2951
1
2
8
5
3
46
7
100kΩ
100kΩ
100kΩ
20kΩ
10kΩ
1kΩ
100kΩ
39kΩ
1%
1%
1%
R1
1%
<6.2V**
<6.0V**
<5.8V**
+VOUT=5V
1µF
+
39kΩ
1kΩ
6V
LEAD-
ACID
BATTERY
-
-
+
+
C3
C2
-
+
C1
-
+
C4
RESET
+VIN
ERROR
SD
GND
TAP
FB
SENSE
VOUT
* OPTIONAL LATCH OFF WHEN DROPOUT OCCURS.
ADJUST R3 FOR C2 SWITCHING WHEN VIN IA 6.0V
* OUTPUTS GO LOW WHEN VIN DROPS BELOW DESIGNATED THRESHOLDS
Figure 6. Regulator with State-of Charge Indicator
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 125)
OR
RELAY
8.2K
TEMP
SENSOR
GND
V OUT
FB
SD
+V
IN
+V IN
10K
5 DEGREE SHUTDOWN FLAG
ERROR
_______
3
5
8
4
7
1
AUX SHUTDOW
INPUT
OFF
ON
AS35
+
-
SPX2951
.
.
Figure 7. System Over Temperature Protection
TYPICAL APPLICATIONS: (Continued)


Similar Part No. - SPX2951

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2951ACS-3.0 SIPEX-SPX2951ACS-3.0 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2951ACS-3.3 SIPEX-SPX2951ACS-3.3 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2951ACS-5.0 SIPEX-SPX2951ACS-5.0 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2951CS-3.0 SIPEX-SPX2951CS-3.0 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2951CS-3.3 SIPEX-SPX2951CS-3.3 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
More results

Similar Description - SPX2951

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com