Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAV-007091-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-007091-0001TB
Description  Voltage Variable Absorptive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-007091-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAV-007091-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-007091-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-007091-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-007091-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAV-007091-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Voltage Variable Absorptive
Attenuator, 1700 - 2200 MHz
Rev. V3
MAAV-007091
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Input IP3: +31 dBm Min (Full Attenuation Range)
 Input IP3 is 15 -20 dB Better than GaAs
 Linear Operation: +20 dBm Typ.
 Plastic, 28 Lead, 6 mm CSP, SMT Package
 35 dB Dynamic Range (With 30 mA Bias Current)
 Single Control Voltage
 50 ohm Impedance
 Linear Driver, MADR-007098-000100, Available
 Test Boards are Available
 Tape and Reel Packaging Available
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MAAVCC0002
Description
M/A-COM's MAAV-007091-000100 is a PIN diode
based voltage variable attenuator. This device is in a
6mm square, 28 lead, plastic CSP package, suitable
for surface mounting on PCBs. These attenuators
have linear operating power and input intercept point
levels 15 - 20 dB better than GaAs FET MMIC
voltage variable attenuators. They are ideally suited
for use where low distortion, high linear operating
power and high dynamic range are required. These
devices are optimized for the PCS and UMTS
frequency bands, but exhibit excellent performance
and repeatability over the entire specified frequency
band. The MAAV-007091-000100 is ideally suited
for wireless communications systems.
Ordering Information
Part Number
Package
MAAV-007091-000100
Bulk Packaging
MAAV-007091-0001TR
1000 piece reel
MAAV-007091-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
Functional Schematic
Pin #
Function
Pin #
Function
1
NC
15
NC
2
NC
16
NC
3
NC
17
NC
4
NC
18
NC
5
NC
19
NC
6
NC
20
NC
7
NC
21
NC
8
NC
22
NC
9
BIAS 1
23
BIAS 1
10
NC
24
NC
11
NC
25
NC
12
GND
26
GND
13
RFOUT
27
RFIN
14
GND
28
GND
Pin Configuration2,3
1. Bias current may be applied to Pin 9 or 23. However, the
unused pin must be isolated.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN packages)
3. It is preferable to ground all “NC” pins, except for the unused
bias pin, which must be left open.


Similar Part No. - MAAV-007091-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007091-0001TB MACOM-MAAV-007091-0001TB Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAV-007091-0001TB MA-COM-MAAV-007091-0001TB Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
More results

Similar Description - MAAV-007091-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
MAAV-007092-000100 MA-COM-MAAV-007092-000100_15 Datasheet
89Kb / 4P
   Voltage Variable Absorptive
MAAV-007092-000100 MA-COM-MAAV-007092-000100 Datasheet
89Kb / 4P
   Voltage Variable Absorptive
MAAV-007091-000100 MA-COM-MAAV-007091-000100_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
MAAVCC0002 MA-COM-MAAVCC0002_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
MAAV-007090-000100 MA-COM-MAAV-007090-000100_15 Datasheet
80Kb / 4P
   Voltage Variable Absorptive
MAAV-007090 MA-COM-MAAV-007090 Datasheet
690Kb / 5P
   Voltage Variable Absorptive
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com