Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAV-007091-000100 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-007091-000100
Description  Voltage Variable Absorptive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-007091-000100 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAV-007091-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-007091-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-007091-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-007091-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAV-007091-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Voltage Variable Absorptive
Attenuator, 1700 - 2200 MHz
Rev. V3
MAAV-007091
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Insertion Loss
1.5
2.0
2.5
3.0
3.5
4.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
2 5 °C
- 40 °C
8 5 °C
Typical VSWR @ +25°C
1
1.2
1.4
1.6
1.8
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
R ef
3 0 d B
15 d B
Attenuation Flatness @ +25°C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1700
1750
1800
1850
1900
1950
2000
Fre que ncy (MHz )
2 0 d B
3 0 d B
10 d B
5 d B
Typical Performance Curves (beyond 2GHz)
Insertion Loss @ 25°C
Attenuation Flatness @ 25°C
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
2000
2050
2100
2150
2200
Frequency (MHz)
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
2000
2050
2100
2150
2200
Frequency (MHz)
5 d B
10 d B
2 0 d B
3 0 d B
Typical VSWR @ +25°C
1
1.2
1.4
1.6
1.8
2
2.2
2000
2050
2100
2150
2200
Frequency (MHz)
Lo ss
5 d B
10 d B
3 0 d B


Similar Part No. - MAAV-007091-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
MAAV-007091-000100 MA-COM-MAAV-007091-000100_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
More results

Similar Description - MAAV-007091-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
MAAV-007092-000100 MA-COM-MAAV-007092-000100_15 Datasheet
89Kb / 4P
   Voltage Variable Absorptive
MAAV-007092-000100 MA-COM-MAAV-007092-000100 Datasheet
89Kb / 4P
   Voltage Variable Absorptive
MAAV-007091-000100 MA-COM-MAAV-007091-000100_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
MAAVCC0002 MA-COM-MAAVCC0002_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
MAAV-007090-000100 MA-COM-MAAV-007090-000100_15 Datasheet
80Kb / 4P
   Voltage Variable Absorptive
MAAV-007090 MA-COM-MAAV-007090 Datasheet
690Kb / 5P
   Voltage Variable Absorptive
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com