Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-015036-DIE Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-015036-DIE
Description  Dual Sided Bias Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-015036-DIE Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-015036-DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIE Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Power Amplifier, 15 W
8.5 - 10.5 GHz
Rev. V1
MAAP-015036
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Gain vs. Frequency
Output Power vs. Frequency
Drain Current vs. Frequency
PAE vs. Frequency
Pulsed Performance Curves over Bias Circuit Voltage :
PIN = 25 dBm, Duty Cycle = 5%, Pulse = 5 µs


Similar Part No. - MAAP-015036-DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030 Datasheet
1Mb / 10P
   Power Amplifier
MAAP-015030-DIE MA-COM-MAAP-015030-DIE Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030-DIEEV1 MA-COM-MAAP-015030-DIEEV1 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030-DIEEV2 MA-COM-MAAP-015030-DIEEV2 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
More results

Similar Description - MAAP-015036-DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015024 MA-COM-MAAP-015024 Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Leshan Radio Company
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com