Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBQC0530L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBQC0530L-HF
Description  SMD Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0530L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBQC0530L-HF Datasheet HTML 1Page - Comchip Technology CDBQC0530L-HF Datasheet HTML 2Page - Comchip Technology CDBQC0530L-HF Datasheet HTML 3Page - Comchip Technology CDBQC0530L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBQC0530L-HF)
Page 2
REV:A
Reverse Voltage, (V)
Ambient Temperature, (°C)
Fig.4 - Power Derating Curve
Fig.3 - Capacitance Characteristics
0
10
20
0
40
80
30
Comchip Technology CO., LTD.
Fig.1 - Forward Characteristics
QW-G1116
Comchip
S M D D i o d e S p e c i a l i s t
TA=25°C
f = 1 MHz
SMD Schottky Barrier Diodes
0.4
0
0.1
0.3
0
20
40
60
80
100
0
10
100
1000
Forward Voltage, (V)
60
20
0
50
100
25
75
Company reserves the right to improve product design , functions and reliability without notice.
125
150
0.2
Fig.2 - Reverse Characteristics
30
20
5
0
10
15
10
100
1000
10000
100000
1
25
0
Reverse Voltage, (V)
T =125°C
J
T =100°C
J
TJ=75°C
T =50°C
J
T =25°C
J
0.5
0.6
TJ=25°C
T =50°C
J
T =75°C
J
T =125°C
J
T =100°C
J
1


Similar Part No. - CDBQC0530L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQC0130L-HF COMCHIP-CDBQC0130L-HF Datasheet
106Kb / 4P
   Low VF SMD Schottky Barrier Diode
CDBQC0130R-HF COMCHIP-CDBQC0130R-HF Datasheet
469Kb / 4P
   SMD Schottky Barrier Diode
REV:A
CDBQC0140R-HF COMCHIP-CDBQC0140R-HF Datasheet
103Kb / 4P
   SMD Schottky Barrier Diode
CDBQC0240L-HF COMCHIP-CDBQC0240L-HF Datasheet
103Kb / 4P
   Low VF SMD Schottky Diodes
CDBQC0240LR-HF COMCHIP-CDBQC0240LR-HF Datasheet
104Kb / 4P
   SMD Schottky Barrier Diode
More results

Similar Description - CDBQC0530L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
   SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
   SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
RB520S-30 COMCHIP-RB520S-30_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com