Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBQC0240L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBQC0240L-HF
Description  Low VF SMD Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0240L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBQC0240L-HF Datasheet HTML 1Page - Comchip Technology CDBQC0240L-HF Datasheet HTML 2Page - Comchip Technology CDBQC0240L-HF Datasheet HTML 3Page - Comchip Technology CDBQC0240L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse voltage, (V)
RATING AND CHARACTERISTIC CURVES (CDBQC0240L-HF)
Page 2
0.2
0.4
0
1
10
0.5
0
Forward voltage, (V)
Fig. 1 - Forward characteristics
Reverse voltage, (V)
0
1000
10
1
0
10
20
30
40
Fig.2 - Reverse characteristics
0
10
20
30
40
0
5
10
25
15
20
0
20
40
60
80
100
0
25
50
75
100
125
150
O
Ambient temperature, (C)
Fig.4 - Current derating curve
1000
QW-G1112
Fig.3 - Typical capacitance between
terminals characteristics
100
REV:A
0.3
0.1
10000
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
100
O
TJ=75 C
O
TJ=25 C
O
TJ=50 C
O
TJ=100 C
O
TJ=125 C
O
TJ=25 C
O
TJ=50 C
O
TJ=75 C
O
TJ=100 C
O
TJ= 12 5 C
30
Low VF SMD Schottky Diodes


Similar Part No. - CDBQC0240L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQC0240LR-HF COMCHIP-CDBQC0240LR-HF Datasheet
104Kb / 4P
   SMD Schottky Barrier Diode
More results

Similar Description - CDBQC0240L-HF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKSH2-4LR CENTRAL-CMKSH2-4LR_15 Datasheet
498Kb / 2P
   LOW VF SCHOTTKY DIODES
logo
Weitron Technology
SL12N WEITRON-SL12N_10 Datasheet
146Kb / 3P
   Low VF Schottky Barrier Diodes
SL12N WEITRON-SL12N Datasheet
142Kb / 3P
   Low VF Schottky Barrier Diodes
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
   Low VF Small Signal Schottky Diodes
logo
Taiwan Semiconductor Co...
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Formosa MS
MDS12L FORMOSA-MDS12L Datasheet
57Kb / 7P
   SMD Low VF Schottky Bridge Rectifier
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBL120L-G COMCHIP-CDBL120L-G Datasheet
495Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com