Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29300U-1.8 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX29300U-1.8
Description  3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29300U-1.8 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX29300U-1.8 Datasheet HTML 3Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 4Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 5Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 6Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 7Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 8Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 9Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 10Page - Sipex Corporation SPX29300U-1.8 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Date: 5/25/04
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
10
PART NUMBER
ACCURACY
OUTPUT VOLTAGE
PACKAGE
SPX29300U-1.8
1.0%
1.8V
3 lead TO-220
SPX29300U-2.5
1.0%
2.5V
3 lead TO-220
SPX29300U-3.3
1.0%
3.3V
3 lead TO-220
SPX29300U-5.0
1.0%
5.0V
3 lead TO-220
SPX29300T-1.8
1.0%
1.8V
3 lead TO-263
SPX29300T-1.8/TR
1.0%
1.8V
3 lead TO-263
SPX29300T-2.5
1.0%
2.5V
3 lead TO-263
SPX29300T-2.5/TR
1.0%
2.5V
3 lead TO-263
SPX29300T-3.3
1.0%
3.3V
3 lead TO-263
SPX29300T-3.3/TR
1.0%
3.3V
3 lead TO-263
SPX29300T-5.0
1.0%
5.0V
3 lead TO-263
SPX29300T-5.0/TR
1.0%
5.0V
3 lead TO-263
PACKAGE PINOUTS
TO-263-3 Package (T)
VOUT
GND
V IN
Front View
12
3
OUTPUT
TO-263-5 Package (T5)
Top View
45
3
2
1
GND
FLAG
1)
3)
4)
5)
2)INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
OUTPUT
OUTPUT
SPX29301
SPX29302
SPX29303
Front View
TO-220-3 Package (U)
VIN
V OUT
GND
TO-220-5 Package (U5)
Top View
12 3 4 5
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
SPX29301
SPX29302
SPX29303
3
2
1
*Tab is internally connected to GND
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX29300T-5.0/TR = standard; SPX29300T-L-5.0/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
Sipex Corporation
Headquarters
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600m


Similar Part No. - SPX29300U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29300U-1-8 SIPEX-SPX29300U-1-8 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results

Similar Description - SPX29300U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com