Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSL40-36-A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # BSL40-36-A
Description  40W Single Output Class II Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

BSL40-36-A Datasheet(HTML) 2 Page - Astrodyne Corporation

  BSL40-36-A Datasheet HTML 1Page - Astrodyne Corporation BSL40-36-A Datasheet HTML 2Page - Astrodyne Corporation BSL40-36-A Datasheet HTML 3Page - Astrodyne Corporation BSL40-36-A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40W Single Output Class II Switching Power Supplies
BSL40 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC (100-240VAC nom.)
Frequency Range
47-63 Hz
Input Current (90 / 264 Vin)
1A / 0.4A
Inrush Current (115 / 230 Vin)
30A / 60A typical *
Leakage Current (264V / 50Hz) <0.25mA
OUTPUT SPECIFICATIONS
Voltage and Current (Note 3)
See Selection Chart
Minimum Load
0 Amps
Turn On Delay Time
<1S
Rise Time
<30mS
Load Regulation (20%-FL)
± 1% max
Line Regulation (LL-HL)
± 1% max
Preset Accuracy (FL, 115Vin)
1%
Transient Response
See Page 3
Over-Shoot and Under-Shoot
<10% of O/P Voltage
Ripple/Noise (Note 1 & 4)
See Selection Chart
Over Voltage Protection
Latching, re-power
Over Power Protection
240% max.*
Short Circuit Protection
Latching, Auto Recover *
Hold Up Time (115V / 60Hz)
8 mS, typ.
Capacitive Loading (Note 5)
See Selection Chart
PHYSICAL SPECIFICATIONS
Size (Inches / mm)
2” x 4” x 1.244” / 50.8 x 101.6 x 31.6
Construction
Open Frame
Weight
5.61oz (159g)
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Insulation Resistance
≥20MΩ; 500VDC, 1S I/P-O/P
Efficiency typ.
See Selection Chart
Switching Frequency
65Khz, (fixed, typical)
Safety UL/cUL:
UL60950-1 2nd ed./
C22.2 60950-1 2nd ed.
UL-EU:
EN60950-1 2nd ed.
CE:
EN60601-1-2
CB:
IEC60950-1 2nd ed.
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature (Note 2)
-10 to +70°C, See Derate
Storage Temperature
-25 to +85°C *
Relative Humidity
0-95% *
ESD
IEC61000-4-2
RS
IEC61000-4-3
EFT
IEC61000-4-4
Surge
IEC61000-4-5
CS
IEC61000-4-6
DIPS
IEC61000-4-11
EMI
EN55011 B / CISPR 11 B
MTBF
196,000 Hrs
Mil Std 217, 25°C
Vibration
2G Peak, 10-500Hz, 3 Axis, 30 min
Drop Test
70 cm Height
NOTES
1. Make all measurements directly at the pins of the supply
2. Specified for free air convection cooling
3. 115Vin minimum required for full load start up
4. Measured by paralleling 47uF/EC and 0.1uF ceramic capacitors on
the output at a 20MHz band-width
5. The power supply should start up and operate normally into these
capacitive loads within specified input voltage and output current ranges
over the specified operating temperature range and according to Derate.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - BSL40-36-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL202SN INFINEON-BSL202SN Datasheet
248Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev 1.07 2010-03-26
BSL205N INFINEON-BSL205N Datasheet
452Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev 2.2 2010-03-26
BSL205N INFINEON-BSL205N Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
BSL205N INFINEON-BSL205N_13 Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
BSL207N INFINEON-BSL207N Datasheet
206Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-29
More results

Similar Description - BSL40-36-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
BSM40 ASTRODYNE-BSM40 Datasheet
527Kb / 4P
   40W Single Output Class II Medical Power Supplies
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
   40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com