Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29303 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX29303
Description  3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29303 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29303 Datasheet HTML 1Page - Sipex Corporation SPX29303 Datasheet HTML 2Page - Sipex Corporation SPX29303 Datasheet HTML 3Page - Sipex Corporation SPX29303 Datasheet HTML 4Page - Sipex Corporation SPX29303 Datasheet HTML 5Page - Sipex Corporation SPX29303 Datasheet HTML 6Page - Sipex Corporation SPX29303 Datasheet HTML 7Page - Sipex Corporation SPX29303 Datasheet HTML 8Page - Sipex Corporation SPX29303 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Date: 5/25/04
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Dropout Voltage vs Load Current
Figure 4. Line Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Load Regulation
Figure 7. Enable Threshold vs Temperature
0
200
400
600
800
1000
01.0
2.03.0
IL (A)
3.3V Device
CL = 10µF
1200
Vin = 3.2V
85°C
25°C
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
468
10
12
14
16
Vin (V)
2.5V Device
IL = 10mA
CL = 10µF
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
01.0
2.03.0
IL (A)
3.3V Device
Vin = 4.3V
CL = 10µF
85°C
25°C
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
1.0
2.0
3.0
IL (A)
Vin = 4.3V
CL = 10µF
3.3V Device
1.2
1.3
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
1.4
1.5
1.6
1.7
1.8
1.9


Similar Part No. - SPX29303

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
221Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
More results

Similar Description - SPX29303

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com