Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1202R Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1202R
Description  600mA Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202R Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX1202R Datasheet HTML 3Page - Sipex Corporation SPX1202R Datasheet HTML 4Page - Sipex Corporation SPX1202R Datasheet HTML 5Page - Sipex Corporation SPX1202R Datasheet HTML 6Page - Sipex Corporation SPX1202R Datasheet HTML 7Page - Sipex Corporation SPX1202R Datasheet HTML 8Page - Sipex Corporation SPX1202R Datasheet HTML 9Page - Sipex Corporation SPX1202R Datasheet HTML 10Page - Sipex Corporation SPX1202R Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
E1
E1/2
D1
Dimensions in inches
3 PIN TO-252
JEDEC TO-252
(AA) Variation
.018
-
.024
c
MIN
NOM MAX
A1
-
-
.005
D1
.205
-
-
E1
H
L
L1
L2
.370
-
.410
.170
-
-
.055
.060
.070
.108 REF
.020 BSC
c
WITH PLATING
BASE METAL
b
CONTACT AREA
SEATING PLANE
C
A1
(L1)
L
c
c
GAUGE PLANE
O
L2
3 PIN TO-252
PACKAGE: 3 PIN TO-252


Similar Part No. - SPX1202R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202R SIPEX-SPX1202R Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
SPX1202R SIPEX-SPX1202R Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
SPX1202R-1.5 SIPEX-SPX1202R-1.5 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
SPX1202R-2-5 SIPEX-SPX1202R-2-5 Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
SPX1202R-2-5/TR SIPEX-SPX1202R-2-5/TR Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1202R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com