Electronic Components Datasheet Search |
|
DMN2027UPS Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMN2027UPS Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 8 page DMN2027UPS Document number: DS37940 Rev. 2 - 2 1 of 8 www.diodes.com September 2015 © Diodes Incorporated DMN2027UPS 20V N-CHANNEL ENHANCEMENT MODE MOSFET Product Summary V(BR)DSS RDS(ON) Max ID Max TC = +25°C 20V 12.5 mΩ @ VGS= 4.5V 36A 19 mΩ @ VGS= 2.5V 30A Description This MOSFET is designed to minimize the on-state resistance (RDS(ON)), yet maintain superior switching performance, making it ideal for high-efficiency power management applications. Applications Backlighting Power Management Functions DC-DC Converters Features and Benefits Low RDS(ON) – Ensures On-State Losses Are Minimized Small Form Factor Thermally Efficient Package Enables Higher Density End Products Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 standards for High Reliability Mechanical Data Case: POWERDI ® 5060-8 Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminal Connections: See Diagram Below Weight: 0.097 grams (Approximate) Ordering Information (Note 4) Part Number Case Packaging DMN2027UPS-13 POWERDI5060-8 2,500/Tape & Reel Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Bottom View Top View S S S G D D D D Pin 1 Top View S D D G D D S S Internal Schematic POWERDI is a registered trademark of Diodes Incorporated. POWERDI5060-8 |
Similar Part No. - DMN2027UPS |
|
Similar Description - DMN2027UPS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |