Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3023L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3023L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3023L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3023L Datasheet HTML 1Page - Diodes Incorporated DMN3023L Datasheet HTML 2Page - Diodes Incorporated DMN3023L Datasheet HTML 3Page - Diodes Incorporated DMN3023L Datasheet HTML 4Page - Diodes Incorporated DMN3023L Datasheet HTML 5Page - Diodes Incorporated DMN3023L Datasheet HTML 6Page - Diodes Incorporated DMN3023L Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN3023L
Document number: DS37248 Rev. 2 - 2
2 of 7
www.diodes.com
August 2015
© Diodes Incorporated
DMN3023L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
6.2
4.9
A
Pulsed Drain Current (380µs Pulse, Duty Cycle = 1%)
IDM
44
A
Maximum Body Diode Forward Current (Note 6)
IS
1.5
A
Avalanche Current (Note 7) L = 0.1mH
IAS
17.5
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
15.2
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.9
W
TA = +70°C
0.6
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
144
°C/W
t<10s
103
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
97
°C/W
t<10s
70
Thermal Resistance, Junction to Case (Note 6)
RθJC
24
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 24V, VGS = 0V
Gate-Body Leakage
IGSS
±10
µA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.8
1.8
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)


25
28
68
m
VGS = 10V, ID = 4.0A
VGS = 4.5V, ID =3.5A
VGS = 2.5V, ID =2.5A
Source-Drain Diode Forward Voltage
VSD
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
873
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
121
pF
Reverse Transfer Capacitance
Crss
67
pF
Gate Resistance
Rg
77
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg

18.4

nC
VDS = 15V, ID = 4A
Total Gate Charge (VGS = 4.5V)
Qg
8.3
nC
Gate-Source Charge
Qgs

2.2

nC
Gate-Drain Charge
Qgd

2.5

nC
Turn-On Delay Time
tD(ON)

17

ns
VDD = 15V, VGS = 10V,
RL = 15Ω, RG = 6Ω
Turn-On Rise Time
tR

18

ns
Turn-Off Delay Time
tD(OFF)

231

ns
Turn-Off Fall Time
tF

70

ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN3023L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3020LK3 DIODES-DMN3020LK3 Datasheet
280Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020LK3-13 DIODES-DMN3020LK3-13 Datasheet
280Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UFDF DIODES-DMN3020UFDF Datasheet
513Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UTS DIODES-DMN3020UTS Datasheet
311Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UTS-13 DIODES-DMN3020UTS-13 Datasheet
311Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3023L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com