Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBP15SRV05W-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XBP15SRV05W-G
Description  Low Capacitance TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBP15SRV05W-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XBP15SRV05W-G Datasheet HTML 1Page - Torex Semiconductor XBP15SRV05W-G Datasheet HTML 2Page - Torex Semiconductor XBP15SRV05W-G Datasheet HTML 3Page - Torex Semiconductor XBP15SRV05W-G Datasheet HTML 4Page - Torex Semiconductor XBP15SRV05W-G Datasheet HTML 5Page - Torex Semiconductor XBP15SRV05W-G Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
XBP15SRV05W-G
■ELECTRICAL CHARACTERISTICS
Ta=25℃
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Stand-Off Voltage
VRWM
-
-
5
V
Breakdown Voltage
VBR
IR=1mA, Pin5 to Pin2
6
-
-
V
Leakage Current
IR
VR=5V, Pin5 to Pin2
-
-
5
μA
Clamping Voltage (8/20μs)
VC
IPP=3A, I/O pin to Pin2
-
-
10
V
Terminal Capacitance
Ct
VR=0V, f=1MHz
Between I/O pin to Pin2
-
1.0
1.2
pF
Ct
VR=0V, f=1MHz
Between I/O pins
-
0.5
0.6
pF
■NOTES ON USE
1. Please use this IC within the absolute maximum ratings.
Even within the ratings, in case of high load use continuously such as high temperature, high voltage, high current and thermal stress may
cause reliability degradation of the IC.
2. Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products in their systems.


Similar Part No. - XBP15SRV05W-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1001-G TOREX-XBP1001-G Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1001 TOREX-XBP1001_12 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
logo
Peregrine Semiconductor...
XBP1001 PEREGRINE-XBP1001_15 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results

Similar Description - XBP15SRV05W-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com