Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP6023LFGQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP6023LFGQ
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6023LFGQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP6023LFGQ Datasheet HTML 1Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 2Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 3Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 4Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 5Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 6Page - Diodes Incorporated DMP6023LFGQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP6023LFGQ
Document number: DS38647 Rev. 1 - 2
4 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMP6023LFGQ
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100
125
150
V
=
5V
I =
A
GS
D
-4.
-5
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
100
1000
10000
0
5
10
15
20
25
30
35
40
f = 1MHz
Coss
C
rss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15 20
25
30
35
40
45
50
55
V
= -30V
I = -5A
DS
D
T , AMBIENT TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
A
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
-I =1mA
D
-I = 250µA
D
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
T
= 150°C
T = 25°C
J(max)
A
V
= -10V
Single Pulse
GS
DUT on 1 * MRP Board
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
0.01
0.1
1
10
100
0.1
1
10
100


Similar Part No. - DMP6023LFGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6023LFG DIODES-DMP6023LFG Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6023LFG-13 DIODES-DMP6023LFG-13 Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMP6023LFG-13 DIODES-DMP6023LFG-13 Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6023LFG-7 DIODES-DMP6023LFG-7 Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMP6023LFG-7 DIODES-DMP6023LFG-7 Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP6023LFGQ

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com