Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL60-P111B0024 Datasheet(PDF) 3 Page - SICK AG

Part # DL60-P111B0024
Description  MID RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DL60-P111B0024 Datasheet(HTML) 3 Page - SICK AG

  DL60-P111B0024 Datasheet HTML 1Page - SICK AG DL60-P111B0024 Datasheet HTML 2Page - SICK AG DL60-P111B0024 Datasheet HTML 3Page - SICK AG DL60-P111B0024 Datasheet HTML 4Page - SICK AG DL60-P111B0024 Datasheet HTML 5Page - SICK AG DL60-P111B0024 Datasheet HTML 6Page - SICK AG DL60-P111B0024 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DL60-P111B0024 | Dx60
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Power consumption
≤ 3 W 3)
Initialization time
550 ms
Warm-up time
≤ 30 min
Connection type
Male connector, M12, 5-pin
Indication
Status LED
Weight
202 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
II
Electromagnetic compatibility (EMC)
EN 61000-6-2
EN 60947-5-2
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –25 °C ... +75 °C
Dimensional drawing (Dimensions in mm (inch))
38 (1.50)
87 (3.43)
Ø 5.5
(0.22)
42 (1.65)
69 (2.72)
1
2
5
5
5
3
4
6
12
(0.47)
54 (2.13)
①  Power
②  Function indicator
③  Optical axis sender
④  Optical axis receiver
⑤  Fixing hole
⑥  Male connector M12, 5-pin
Connection type
Male connector M12, 5-pin


Similar Part No. - DL60-P111B0024

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DL60-P111B0024

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com