Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25122QPWPTQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM25122QPWPTQ1
Description  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122QPWPTQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25122QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 12Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
0
5
10
15
20
-50
-25
0
25
50
75
100
125
150
Temperature [
ƒC]
C001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
10
20
30
40
50
60
V
SW [V]
C001
t
DLH
t
DHL
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
150
Temperature [
ƒC]
C001
t
DHL
t
DLH
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
4
5
6
7
8
9
10
11
12
V
VCC [V]
C001
t
DLH
t
DHL
0.00
1.00
2.00
3.00
4.00
5.00
4
5
6
7
8
9
10
11
12
13
14
V
BST - VSW [V]
C001
SOURCE
SINK
0.00
1.00
2.00
3.00
4.00
5.00
6.00
4
5
6
7
8
9
10
11
12
13
14
V
VCC [V]
C001
SOURCE
SINK
LM25122-Q1
www.ti.com
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
6.6 Typical Characteristics
VVIN = 12 V
VSW = 0 V
VVIN = 12 V
Figure 1. HO Peak Current vs VBST - VSW
Figure 2. LO Peak Current vs VVCC
VVIN = 12 V
VSW = 12 V
CLOAD = 2600pF
1 V to 1 V
Figure 3. Dead Time vs VVCC
Figure 4. Dead Time vs Temperature
VVIN = 12 V
VVCC = 7.6 V
CLOAD = 2600pF
1 V to 1 V
Figure 5. Dead Time vs VSW
Figure 6. ISHUTDOWN vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25122-Q1


Similar Part No. - LM25122QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Similar Description - LM25122QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com