Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR16030PDDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16030PDDA
Description  SIMPLE SWITCHER Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16030PDDA Datasheet(HTML) 2 Page - Texas Instruments

  LMR16030PDDA Datasheet HTML 1Page - Texas Instruments LMR16030PDDA Datasheet HTML 2Page - Texas Instruments LMR16030PDDA Datasheet HTML 3Page - Texas Instruments LMR16030PDDA Datasheet HTML 4Page - Texas Instruments LMR16030PDDA Datasheet HTML 5Page - Texas Instruments LMR16030PDDA Datasheet HTML 6Page - Texas Instruments LMR16030PDDA Datasheet HTML 7Page - Texas Instruments LMR16030PDDA Datasheet HTML 8Page - Texas Instruments LMR16030PDDA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LMR16030
SNVSAH9 – DECEMBER 2015
www.ti.com
Table of Contents
6.1
Device Support ........................................................ 4
1
Features .................................................................. 1
6.2
Community Resources.............................................. 4
2
Applications ........................................................... 1
6.1
Trademarks ............................................................... 5
3
Description ............................................................. 1
6.2
Electrostatic Discharge Caution ................................ 5
4
Revision History..................................................... 2
6.3
Glossary .................................................................... 5
5
Pin Configuration and Functions ......................... 3
7
Mechanical, Packaging, and Orderable
6
Device and Documentation Support.................... 4
Information ............................................................. 5
4 Revision History
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR16030


Similar Part No. - LMR16030PDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCR TI1-LMR16006XDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCT TI1-LMR16006XDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

Similar Description - LMR16030PDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMR14030-Q1 TI1-LMR14030-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
Texas Instruments
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com