Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS610986DSER Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610986DSER
Description  Ultra-Low Quiescent Current Synchronous Boost
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610986DSER Datasheet(HTML) 4 Page - Texas Instruments

  TPS610986DSER Datasheet HTML 1Page - Texas Instruments TPS610986DSER Datasheet HTML 2Page - Texas Instruments TPS610986DSER Datasheet HTML 3Page - Texas Instruments TPS610986DSER Datasheet HTML 4Page - Texas Instruments TPS610986DSER Datasheet HTML 5Page - Texas Instruments TPS610986DSER Datasheet HTML 6Page - Texas Instruments TPS610986DSER Datasheet HTML 7Page - Texas Instruments TPS610986DSER Datasheet HTML 8Page - Texas Instruments TPS610986DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
VMAIN
VIN
SW
GND
MODE
VSUB
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986
SLVS873C – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
5 Device Comparison Table
VSUB ACTIVE
INTEGRATED LDO OR
VMAIN
VMAIN
VSUB
VSUB
PART NUMBER
DISCHARGE IN LOW
LOAD SWITCH
(ACTIVE MODE)
(LOW POWER MODE)
(ACTIVE MODE)
(LOW POWER MODE)
POWER MODE
TPS61098DSE
(1)
LDO
4.3 V
2.2 V
3.1 V
OFF
No
TPS610981DSE
LDO
3.3 V
3.3 V
3.0 V
OFF
Yes
TPS610982DSE
LDO
3.3 V
3.3 V
2.8 V
2.8 V
No
TPS610985DSE
Load Switch
3.0 V
3.0 V
ON
OFF
Yes
TPS610986DSE
Load Switch
3.3 V
3.3 V
ON
OFF
Yes
(1)
The DSE package is available taped and reeled. Add R suffix to device type (e.g., TPS61098DSER) to order quantities of 3000 devices
per reel. Add T suffix to device type (e.g., TPS61098DSET) to order quantities of 250 devices per reel. For detailed ordering information
please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
6 Pin Configuration and Functions
DSE Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VMAIN
1
PWR
Boost converter output
SW
2
PWR
Connection for inductor
VIN
3
I
IC power supply input
Mode selection pin. 1: Active mode; 0: Low Power mode. Must be actively tied high or low. Do not leave
MODE
4
I
floating.
VSUB
5
PWR
LDO or load switch output
GND
6
PWR
IC ground
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986


Similar Part No. - TPS610986DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610986DSER TI1-TPS610986DSER Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results

Similar Description - TPS610986DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com