Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22965NQWDSGTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22965NQWDSGTQ1
Description  On-Resistance Load Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965NQWDSGTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22965NQWDSGTQ1 Datasheet HTML 4Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 5Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 6Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 7Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 8Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 9Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 10Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 11Page - Texas Instruments TPS22965NQWDSGTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
TPS22965-Q1
SLVSCI3B – APRIL 2014 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPS22965-Q1
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Electrical Characteristics (VBIAS = 2.5 V) (continued)
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature:
–40°C
≤ TA ≤ 105°C (TPS22965N-Q1, TPS22965-Q1), –40°C ≤ TA ≤ 125°C (TPS22965NW-Q1, TPS22965W-Q1).
Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP MAX
UNIT
(1)
TPS22965-Q1 and TPS22965W-Q1 only
RESISTANCE CHARACTERISTICS
RON
ON-state resistance
IOUT = –200 mA,
VBIAS = 2.5 V
VIN = 2.5 V
25°C
20
26
m
–40°C to 105°C
965N-Q1, 965-Q1
28
–40°C to 105°C
965NW-Q1, 965W-Q1
32
–40°C to 125°C
34
VIN = 1.8 V
25°C
19
26
m
–40°C to 105°C
965N-Q1, 965-Q1
28
–40°C to 105°C
965NW-Q1, 965W-Q1
30
–40°C to 125°C
32
VIN = 1.5 V
25°C
18
25
m
–40°C to 105°C
965N-Q1, 965-Q1
27
–40°C to 105°C
965NW-Q1/965W-Q1
29
–40°C to 125°C
31
VIN = 1.2 V
25°C
18
25
m
–40°C to 105°C
965N-Q1, 965-Q1
27
–40°C to 105°C
965NW-Q1, 965W-Q1
28
–40°C to 125°C
30
VIN = 0.8 V
25°C
17
25
m
–40°C to 105°C
965N-Q1, 965-Q1
27
–40°C to 105°C
965NW-Q1, 965W-Q1
28
–40°C to 125°C
30
RPD
(1)
Output pulldown resistance
VIN = 2.5 V, VON = 0 V, IOUT = 1 mA
–40°C to 105°C
275
325
–40°C to 125°C
275
330


Similar Part No. - TPS22965NQWDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965N TI1-TPS22965N Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965NDSGR TI1-TPS22965NDSGR Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22965NQWDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com