Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92691QPWPQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92691QPWPQ1
Description  Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92691QPWPQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92691QPWPQ1 Datasheet HTML 4Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 5Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 6Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 7Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 8Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 9Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 10Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 11Page - Texas Instruments TPS92691QPWPQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
518
520
522
524
526
528
530
532
D007
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
148
150
152
154
156
158
D008
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
382
386
390
394
398
402
D006
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
92.7
92.8
92.9
93
93.1
93.2
D012
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
37
37.5
38
38.5
39
39.5
D004
Frequency (kHz)
50
150
250
350
450
550
650
750
10
20
30
40
50
60
70
80
100
D005
TPS92691, TPS92691-Q1
SLVSD68 – DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load on GATE
and DDRV (unless otherwise noted)
Figure 5. VCC Current Limit vs Temperature
Figure 6. RT vs Switching Frequency
Figure 7. Switching Frequency vs Temperature
Figure 8. Maximum Duty Cycle vs Temperature
Figure 9. IS Current Limit Threshold vs Temperature
Figure 10. Leading Edge Blanking Period vs Temperature
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92691 TPS92691-Q1


Similar Part No. - TPS92691QPWPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92691QPWPQ1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com