Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92691PWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92691PWP
Description  Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92691PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92691PWP Datasheet HTML 5Page - Texas Instruments TPS92691PWP Datasheet HTML 6Page - Texas Instruments TPS92691PWP Datasheet HTML 7Page - Texas Instruments TPS92691PWP Datasheet HTML 8Page - Texas Instruments TPS92691PWP Datasheet HTML 9Page - Texas Instruments TPS92691PWP Datasheet HTML 10Page - Texas Instruments TPS92691PWP Datasheet HTML 11Page - Texas Instruments TPS92691PWP Datasheet HTML 12Page - Texas Instruments TPS92691PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VIADJ (V)
0
0.28 0.56 0.84 1.12 1.4 1.68 1.96 2.24 2.52 2.8 3
0
20
40
60
80
100
120
140
160
180
200
D014
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
2.4
2.405
2.41
2.415
2.42
2.425
2.43
2.435
2.44
D015
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
3.8
3.85
3.9
3.95
4
4.05
4.1
4.15
4.2
D013
V(CSP-CSN) (mV)
0
30
60
90
120
150
180
210
240
270
300
0
0.5
1
1.5
2
2.5
3
3.5
4
D011
VCSP (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
149.4
149.6
149.8
150
150.2
150.4
150.6
150.8
151
D009
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
D010
VCSP = 60V
VCSP = 0V
TPS92691, TPS92691-Q1
www.ti.com
SLVSD68 – DECEMBER 2015
Typical Characteristics (continued)
TA = 25°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load on GATE
and DDRV (unless otherwise noted)
VIADJ = 2.1 V
VIADJ = 2.1 V
Figure 11. V(CSP-CSN) Threshold vs VCSP
Figure 12. Current Sense Amplifier Offset vs Temperature
Figure 13. CSP/CSN Input Bias Current vs Temperature
Figure 14. VIMON vs V(CSP-CSN)
Figure 15. V(CSP-CSN) Threshold vs VIADJ
Figure 16. VIADJ Voltage Clamp vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92691 TPS92691-Q1


Similar Part No. - TPS92691PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92691PWP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com