Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1580T5 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1580T5
Description  7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580T5 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1580T5 Datasheet HTML 1Page - Sipex Corporation SPX1580T5 Datasheet HTML 2Page - Sipex Corporation SPX1580T5 Datasheet HTML 3Page - Sipex Corporation SPX1580T5 Datasheet HTML 4Page - Sipex Corporation SPX1580T5 Datasheet HTML 5Page - Sipex Corporation SPX1580T5 Datasheet HTML 6Page - Sipex Corporation SPX1580T5 Datasheet HTML 7Page - Sipex Corporation SPX1580T5 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN TO-220
.160
-
.190
Dimensions in
(inches)
5 PIN TO-220
.015
-
.040
A
b
C1
D
E
MIN
NOM
MAX
e
e1
F
H1
J1
∆P
Q
U
V
L
.014
-
.022
.560
-
.590
.385
-
.415
.385
-
.415
.062
-
.072
.045
-
.055
.234
-
.258
.090
-
.115
.540
-
.560
.146
-
.156
.103
-
.113
-
.30
-
-
.24
-
L1
-
.250
D
B
SEATING
PLANE
F
A
CHAMFER
OPTIONAL
C1
J1
A
A
E
øP
Q
D
D1
E/2
L
L1
C C
D
D
b
e1
H1
e
5 PIN TO-220


Similar Part No. - SPX1580T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580T5 SIPEX-SPX1580T5 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5 SIPEX-SPX1580T5-2.5 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.8 SIPEX-SPX1580T5-2.8 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-3.3 SIPEX-SPX1580T5-3.3 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1580T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com