Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011022 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011022
Description  7 W Pulsed High Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011022 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011022_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011022_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7 W Pulsed High Power Amplifier
2.7 - 3.0 GHz, 6 mm PQFN 28-LD
Rev. V2
4
44
MAAP-011022
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Input Return Loss vs. Frequency
Gain vs. Frequency
Reverse Isolation vs. Frequency
Output Return Loss vs. Frequency
Drain Current vs. Output Power
Gain vs. Output Power
10
15
20
25
30
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
+25°C
-40°C
+85°C
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
+25°C
-40°C
+85°C
Frequency (GHz)
10
15
20
25
30
20
25
30
35
40
+25°C
-40°C
+85°C
Output Power (dBm)
Typical Performance Curves: VDAx=VDBx=10 V, IDQ=2.0 A (80 µs Pulse, 8% Duty Cycle)
0.0
0.1
0.2
0.3
0.4
20
25
30
35
40
+25°C
-40°C
+85°C
Output Power (dBm)


Similar Part No. - MAAP-011022_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022 Datasheet
1Mb / 8P
   7 W Pulsed High Power Amplifier
More results

Similar Description - MAAP-011022_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022 Datasheet
1Mb / 8P
   7 W Pulsed High Power Amplifier
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
logo
NXP Semiconductors
TFA9800J NXP-TFA9800J Datasheet
136Kb / 17P
   2 쨈 7 W stereo power amplifier
Rev. 01-17 March 2006
logo
TriQuint Semiconductor
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
logo
M/A-COM Technology Solu...
PHA2731-190M MA-COM-PHA2731-190M Datasheet
149Kb / 2P
   Radar Pulsed Power Amplifier
logo
Qorvo, Inc
TGA2704SM QORVO-TGA2704SM Datasheet
1Mb / 14P
   9 ??11 GHz 7 W GaAs Power Amplifier
A, Jan. 2020
TGA3042-SM QORVO-TGA3042-SM Datasheet
796Kb / 18P
   7 ??10.5 GHz 4.5 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701 Datasheet
193Kb / 16P
   7 - 8.5GHz High Power Amplifier
logo
United Monolithic Semic...
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com