Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-010516-001SMB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010516-001SMB
Description  3 W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010516-001SMB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010516-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3 W Power Amplifier
12.7 - 13.3 GHz
Rev. V1
MAAP-010516
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Power Data @ 12.7 GHz, +25°C
Typical Performance Curves
Power Data @ 13.0 GHz, +25°C
Power Data @ 13.3 GHz, +25°C
Power Data @ 12.7 GHz, -40°C
Power Data @ 13.0 GHz, -40°C
Power Data @ 13.3 GHz, -40°C
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)
0
10
20
30
40
1000
1250
1500
1750
2000
-20
-10
0
10
20
Output Power
Gain
Drain Current
Input Power (dBm)


Similar Part No. - MAAP-010516-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
More results

Similar Description - MAAP-010516-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
logo
Sanyo Semicon Device
LA4266 SANYO-LA4266 Datasheet
63Kb / 6P
   3 W Monaural Power Amplifier
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWPRG4 TI-TPA0103PWPRG4 Datasheet
1Mb / 4P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
   Audio Power Amplifier 6 W 횞 3 Ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com