Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011185-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011185-001SMB
Description  CATV Return Path Differential Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011185-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011185-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011185-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CATV Return Path Differential Amplifier
5 - 300 MHz
Rev. V2
MAAM-011185
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Component
Value
C1 - C9
100 nF
C10
1500 pF
C11, C13
2.0 pF
C12
2.5 pF
C14
1.0 pF
R1
2 Ω
R2
1.33 kΩ
L1
22 nH
L2, L3
3.3 nH
L4
6.2 nH
T1, T2
MABA-007748-CT1160 1:1 Balun (MACOM)
Typical Application Circuit: Component Values
Typical Application Circuit: Schematic
Sample Board Layout
T1
T2
PIN 1
VCC
1
1


Similar Part No. - MAAM-011185-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011182 MA-COM-MAAM-011182 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-001SMB MA-COM-MAAM-011182-001SMB Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR1000 MA-COM-MAAM-011182-TR1000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR3000 MA-COM-MAAM-011182-TR3000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
More results

Similar Description - MAAM-011185-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
JDS Uniphase Corporatio...
EPM705250NC0 JDSU-EPM705250NC0 Datasheet
268Kb / 6P
   Forward and Return Path Analog CATV Detector Modules
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
logo
Optoway Technology Inc
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com