Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011185-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011185-TR3000
Description  CATV Return Path Differential Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011185-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011185-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011185-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CATV Return Path Differential Amplifier
5 - 300 MHz
Rev. V2
MAAM-011185
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
PIN = -10 dBm, 100 MHz
PIN = -10 dBm, 205 MHz
PIN = -10 dBm, 250 MHz
dB
20.5
20.5
21.5
21.2
21.0
22.5
22.5
Input Return Loss
5 - 300 MHz
dB
21
Output Return Loss
5 - 300 MHz
dB
21
Reverse Isolation
5 - 300 MHz
dB
25
Noise Figure
5 - 205 MHz
205 - 300 MHz
dB
3.1
3.3
P1dB
ICC = 290 mA, 5 - 300 MHz
ICC = 320 mA, 5 - 300 MHz
dBm
27.0
27.3
OIP3
12 dBm POUT per tone, 6 MHz spacing,
ICC = 290 mA, 5 - 300 MHz
ICC = 320 mA, 5 - 300 MHz
dBm
43
45
OIP2
12 dBm POUT per tone, 6 MHz spacing,
ICC = 290 mA, 5 - 205 MHz
ICC = 320 mA, 5 - 205 MHz
ICC = 290 mA, 205 - 300 MHz
ICC = 320 mA, 205 - 300 MHz
dBm
80
82
76
78
POUT @ 30 dB MER
5
16 Channels,
ICC = 290 mA, 5 - 205 MHz
ICC = 320 mA, 5 - 205 MHz
dBmV/
Channel
55.5
57.0
58.0
ICC
6
R2 = 1.33 kΩ
mA
290
320
Electrical Specifications5: TA = +25°C, VCC = 5 V, ICC = 290 mA, Z0 = 75 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Absolute Maximum
Input Power
11 dBm
VCC
6 V
Junction Temperature
9,10
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings7,8
5. Modulation Error Ratio, 64 QAM 5.12 MS/s. See ‘Typical Performance Curves’ on page 5 of this datasheet for an example MER vs.
output power relationship.
6. Data corresponds to the typical application circuit and component values shown on page 3 of this datasheet. Parameters shown at
nominal ICC = 290 mA unless otherwise noted. ICC is the total DC current draw from the VCC supply. As shown on page 3, it is distributed to
pins 9 and 12 by balun T2 and pins 10 and 11 directly. Resistor R2 determines the DC voltage of ABIASA/B and thereby ICC at approximately
0.25 mA/Ω. See page 5 for a typical ICC vs. R2 relationship assuming VCC = 5 V.
7. Exceeding any one or a combination of these limits may cause
permanent damage to this device.
8. MACOM does not recommend sustained operation near these
survivability limits.
9. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
10.Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 15° C/W.
a) For TC = +25°C, TJ = 47°C @ 5 V, 290 mA
b) For TC = +85°C, TJ = 107°C @ 5 V, 290 mA


Similar Part No. - MAAM-011185-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011182 MA-COM-MAAM-011182 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-001SMB MA-COM-MAAM-011182-001SMB Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR1000 MA-COM-MAAM-011182-TR1000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR3000 MA-COM-MAAM-011182-TR3000 Datasheet
1Mb / 7P
   Single stage, single ended, 8 V, 130 mA
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
More results

Similar Description - MAAM-011185-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
JDS Uniphase Corporatio...
EPM705250NC0 JDSU-EPM705250NC0 Datasheet
268Kb / 6P
   Forward and Return Path Analog CATV Detector Modules
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
logo
Optoway Technology Inc
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com