Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011169-001SMB Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011169-001SMB
Description  Differential Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011169-001SMB Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011169-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011169-001SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CATV 75 Ω Push Pull Amplifier
45 - 1200 MHz
Rev. V2
MAAM-011169
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAAM-011169-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-000PPR MA-COM-MAAM-011162-000PPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-DSBPPR MA-COM-MAAM-011162-DSBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-USBPPR MA-COM-MAAM-011162-USBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAM-011169-001SMB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
   Differential inputs and outputs
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
   3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
   Common data inputs and outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
   TTL compatible inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com