Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011169-TR3000 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011169-TR3000
Description  Differential Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011169-TR3000 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011169-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011169-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CATV 75 Ω Push Pull Amplifier
45 - 1200 MHz
Rev. V2
MAAM-011169
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
Cross Modulation
Carrier to Intermodulation Noise
Composite Triple Beat
Composite Second Order
Typical Distortion Performance Curves @ +35°C:
VO = 46 dBmV/CH Flat in 79 NTSC Analog Channels, VO = 40 dBmV Flat in 75 ATSC Digital Channels
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
-100
-90
-80
-70
-60
0
100
200
300
400
500
600
CSO_high
CSO_low
Frequency (MHz)
-75
-70
-65
-60
-55
0
100
200
300
400
500
600
Frequency (MHz)
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)


Similar Part No. - MAAM-011169-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-000PPR MA-COM-MAAM-011162-000PPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-DSBPPR MA-COM-MAAM-011162-DSBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011162-USBPPR MA-COM-MAAM-011162-USBPPR Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAM-011169-TR3000

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
   Differential inputs and outputs
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
   3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
   Common data inputs and outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
   TTL compatible inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com