Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-010399-TR1000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010399-TR1000
Description  Differential CATV Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010399-TR1000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010399-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-010399-TR1000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Differential CATV Variable Gain Amplifier
50 - 1200 MHz
Rev. V2
MAAM-010399
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings 8,9,10
Parameter
Absolute Maximum
RF Input Power
-2 dBm
Voltage
9 volts
Operating Temperature
-40°C to +100°C
Junction Temperature11
+155°C
Storage Temperature
-65°C to +150°C
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.
9. MACOM does not recommend sustained operation near these
survivability limits.
10.Operating at nominal conditions with TJ< 155°C will ensure
MTTF > 1 x 106 hours.
11.Junction Temperature (TJ) = TC + ӨJC * (V * I)
Typical thermal resistance (ӨJC) = 14.9°C/W.
a) For TC = 25°C,
TJ = 63 °C @ 6 V, 420 mA (output stage)
b) For TC = 100°C,
TJ = 138 °C @ 6 V, 420 mA (output stage)
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAM-010399-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
More results

Similar Description - MAAM-010399-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
   Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
   Differential CATV Variable Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com