Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-010263-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010263-001SMB
Description  Broadband CATV 6-Way Active Splitter with default loop-through Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010263-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010263-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-010263-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Broadband CATV 6-Way Active Splitter with default loop-through Switch
50 - 1100 MHz
Rev. V1
MAAM-010263
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Always ON loop-through path
 6-Way Splitter
 2.0 dB Gain
 +15 dBm V /Channel Input
 Single 5 Volt Supply
 Lead-Free 4 mm 24-Lead PQFN Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAM-010263 CATV 6-way active splitter with
the default loop-through path is a GaAs MMIC which
exhibits low noise figure and distortion in a lead-free
4mm 24-lead PQFN plastic package. The design
features 75 Ω inputs and outputs.
The MAAM-010263 is ideally suited for multi-tuner
set top boxes, home gateways, and other broadband
internet based applications.
The MAAM-010263 is fabricated using M/A-COM
Technology Solutions’ E/D pHEMT process to
realize default loop-through operation, low noise and
low distortion. The process features full passivation
for robust performance and reliability.
*Restrictions on Hazardous Substances,
European Union Directive 2002/95/EC.
Functional Schematic, Default On, Power Off
Ordering Information 1,2
Part Number
Package
MAAM-010263-TR1000
1000 piece reel
MAAM-010263-TR3000
3000 piece reel
MAAM-010263-001SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Functional Schematic, Power On
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Pin Configuration
Pin No.
Description
Pin No.
Description
1
Feedback 2
13
Alternate Output
2
Amplifier 2
14
Switch In
3
No Connection
15
RF Output 6
4
Splitter 2
16
Voltage Control
5
No Connection
17
No Connection
6
No Connection
18
No Connection
7
No Connection
19
RF Input
8
RF Output 1
20
Switch Output
9
RF Output 2
21
Splitter 1
10
RF Output 3
22
Amplifier Output 1
11
RF Output 4
23
Feedback 1
12
RF Output 5
24
Amplifier Input
Paddle3 RF and DC Ground
N/C
Vc
S2
OUT4
S1
OUT3
ALT
OUT6
OUT2
N/C
SP2
SP1
AIN
FB1
N/C
OUT1
N/C
AO2
FB2
AO1
N/C
N/C
IN
OUT5
1
N/C
Vc
S2
OUT4
S1
OUT3
ALT
OUT6
OUT2
N/C
SP2
SP1
AIN
FB1
N/C
OUT1
N/C
AO2
FB2
AO1
N/C
N/C
IN
OUT5
1


Similar Part No. - MAAM-010263-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010263-001SMB MA-COM-MAAM-010263-001SMB Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
More results

Similar Description - MAAM-010263-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_13 Datasheet
2Mb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-009778 MA-COM-MAAM-009778 Datasheet
524Kb / 8P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through Switch
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-010237-V1 MA-COM-MAAM-010237-V1 Datasheet
666Kb / 8P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_17 Datasheet
1Mb / 9P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010237 MA-COM-MAAM-010237_15 Datasheet
1Mb / 9P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com