Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-010399 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010399
Description  Differential CATV Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010399 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010399_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-010399_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Differential CATV Variable Gain Amplifier
50 - 1200 MHz
Rev. V2
MAAM-010399
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 28 dB Gain
 25 dB Attenuation Range
 -62 dBc ACPR @ 67 dBmV Output
-1 channel 256 QAM
 -60 dBc ACPR @ 59 dBmV/channel
-4 channel 256 QAM
 6 V, 900 mA
 Differential Input and Output
 Low Harmonics
 Single Control Voltage
 Lead-Free 5 x 7 mm PQFN-40LD
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant
Description
The MAAM-010399 is an integrated 3 stage
differential amplifier with embedded voltage variable
attenuator. This part is intended as the output
amplifier in a downstream Edge QAM RF modulator.
The module
provides
excellent
linearity and
ACPR at output levels greater than 7 dB above
Cable Labs DRFI requirements. The voltage variable
attenuator (VVA) is implemented with PIN diodes to
provide continuous power level control with high
linearity and is controlled with a single voltage. The
part is packaged in a 5 x 7 mm PQFN package.
Ordering Information1,2
Part Number
Package
MAAM-010399-TR1000
1000 piece reel
MAAM-010399-TR3000
3000 piece reel
MAAM-010399-001SMB
Sample Test Board
* Restrictions on Hazardous Substances, European Union
Directive 2011/65/EU.
Pin Configuration3,4
3. Do not ground pins 10,12,14,16,33,35,37 and 39 (all are “No
Connection”).
4. Pins 4, 21, 22, 27 and 28 may or may not be grounded (all
are “No Connection”).
Functional Schematic
Pin No.
Pin Name
Description
1
RFOUT1+
Stage 1 Output (+)
2
FB1+
Stage 1 Feedback (+)
3
RFIN+
Stage 1 Input (+)
5
IADJ1
Stage 1 Current Adjust
6
RFIN1-
Stage 1 Input (-)
7
FB1-
Stage 1 Feedback (-)
8
RFOUT1-
Stage 1 Output (-)
9,17,32,40
VREF
VVA reference voltage
11
VVAIN-
VVA Input (-)
13,36
VCONTROL
VVA Control Voltage
15
VVAOUT-
VVA Output (-)
18
RFIN2-
Stage 2 Input (-)
19
FB2-
Stage 2 Feedback (-)
20
VDD2-
Stage 2 Drain Bias (-)
23
RFOUT-
Output of VGA (-)
24
IADJ2
Stage 2 Current Adjust
25
IADJ3
Stage 3 Current Adjust
26
RFOUT+
Output of VGA (+)
29
VDD2+
Stage 2 Drain Bias (+)
30
FB2+
Stage 2 Feedback (+)
31
RFIN2+
Stage 2 Input (+)
34
VVAOUT+
VVA Output (+)
38
VVAIN+
VVA Input (+)
41
Paddle
RF & DC Ground
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
1
5
1
3
6
8
11
15
18
23
26
31
34
38
40


Similar Part No. - MAAM-010399_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
More results

Similar Description - MAAM-010399_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
   Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
   Differential CATV Variable Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com