Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR2DG14 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR2DG14
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG14 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR2DG14 Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG14 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TCR2DG series
2014-03-01
2
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
Power dissipation
PD
800
(Note1)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note1:
Rating at mounting on a board
Glass epoxy(FR4) board dimension: 40mm x 40mm x 1.8mm, both sides of board
Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50%
Through hole: diameter 0.5mm x 28


Similar Part No. - TCR2DG14

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2DG14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
   600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com