Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBD62308AFAG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TBD62308AFAG
Description  4channel Low active high current sink type DMOS transistor array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TBD62308AFAG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TBD62308AFAG Datasheet HTML 1Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 2Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 3Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 4Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 5Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 6Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 7Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 8Page - Toshiba Semiconductor TBD62308AFAG Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TBD62308AFAG
2016-03-08
2
Pin explanations
Pin No.
Pin name
Function
1
VCC1
Power supply pin
2
O1
Output pin 1
3
I1
Input pin 1
4
NC
Non-connection pin
5
GND
GND pin
6
GND
GND pin
7
GND
GND pin
8
GND
GND pin
9
NC
Non-connection pin
10
I2
Input pin 2
11
O2
Output pin 2
12
VCC2
Power supply pin
13
COMMON
Common pin
14
O3
Output pin 3
15
I3
Input pin 3
16
NC
Non-connection pin
17
GND
GND pin
18
GND
GND pin
19
GND
GND pin
20
GND
GND pin
21
NC
Non-connection pin
22
I4
Input pin 4
23
O4
Output pin 4
24
COMMON
Common pin
Equivalent circuit
Equivalent circuit may be simplified for explanatory purpose.
Clamp diode
COMMON
OUTPUT
VCC
Clamp
Circuit
INPUT


Similar Part No. - TBD62308AFAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBD62003A TOSHIBA-TBD62003A Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
TBD62003AFG TOSHIBA-TBD62003AFG Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
TBD62003AFNG TOSHIBA-TBD62003AFNG Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
TBD62003AFWG TOSHIBA-TBD62003AFWG Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
TBD62003APG TOSHIBA-TBD62003APG Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
More results

Similar Description - TBD62308AFAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBD62064APG TOSHIBA-TBD62064APG Datasheet
366Kb / 9P
   4channel high current sink type DMOS transistor array
TBD62064AFAG TOSHIBA-TBD62064AFAG Datasheet
246Kb / 9P
   4channel high current sink type DMOS transistor array
TBD62003A TOSHIBA-TBD62003A Datasheet
351Kb / 11P
   7channel sink type DMOS transistor array
TBD62089APG TOSHIBA-TBD62089APG Datasheet
336Kb / 8P
   8-ch Sink Type DMOS Transistor Array with D-type Flip-Flop
TBD62783APG TOSHIBA-TBD62783APG Datasheet
561Kb / 11P
   8channel source type DMOS transistor array
logo
ON Semiconductor
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
   4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com