Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-009286-000000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009286-000000
Description  RF Driver Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009286-000000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009286-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009286-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF Driver Amplifier
250 - 4000 MHz
Rev. V1
MAAM-009286
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves, 2140 MHz Configuration
Input Return Loss
Output Return Loss
Noise Figure
P1dB
Output IP3
Gain
-20
-15
-10
-5
0
2.00
2.05
2.10
2.15
2.20
2.25
2.30
+25°C
-40°C
+85°C
Frequency (GHz)
10
12
14
16
18
20
2.00
2.05
2.10
2.15
2.20
2.25
2.30
+25°C
-40°C
+85°C
Frequency (GHz)
-20
-15
-10
-5
0
2.00
2.05
2.10
2.15
2.20
2.25
2.30
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
5
6
2.00
2.05
2.10
2.15
2.20
2.25
2.30
+25°C
-40°C
+85°C
Frequency (GHz)
10
12
14
16
18
20
0
5
10
15
20
25
30
+25°C
-40°C
+85°C
P
OUT
(dBm)
10
20
30
40
50
60
0
2
4
6
8 10 12 14 16 18 20 22 24
+25°C
-40°C
+85°C
P
OUT
(dBm/Tone)


Similar Part No. - MAAM-009286-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009286-000000 MA-COM-MAAM-009286-000000 Datasheet
165Kb / 4P
   RF Driver Amplifier
More results

Similar Description - MAAM-009286-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
   RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
   RF Driver Amplifier
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563 Datasheet
241Kb / 5P
   RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
   RF Driver Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com