Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62209FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB62209FG
Description  Stepping Motor Driver IC Using PWM Chopper Type
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62209FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB62209FG_14 Datasheet HTML 6Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 7Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 8Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 9Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 10Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 11Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 12Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 13Page - Toshiba Semiconductor TB62209FG_14 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TB62209FG
2014-10-01
10
Pin Description 2
Pin Number
Pin Name
Function
Remarks
13
VM
Motor power supply monitor pin
Connect to motor power supply
14
STANDBY
All-function-initializing and Low Power
Dissipation mode pin
H: Normal operation
L: Operation halted
Charge pump output halted
15
Ccp A
Pin connecting capacitor for boosting output
stage drive power supply (storage side
connected to GND)
Connect capacitor for charge pump (storage
side) VM and VDD are generated.
16
Ccp B
Pin connecting capacitor for boosting output
stage drive power supply
Connect capacitor for charge pump (charging
side) between this pin and Ccp C
17
Ccp C
(charging side)
Connect capacitor for charge pump (charging
side) between this pin and Ccp B
18
MO
Electrical angle (0°) monitor pin
Outputs High level in 4W1-2, 2W1-2, W1-2, or
1-2 Phase Excitation mode with electrical angle
of 0° (phase B: 100%, phase A: 0%)
In 2-Phase Excitation mode, outputs High level
with electrical angle of 0° (phase B: 100%,
phase A: 100%)
19
PROTECT
TSD operation detector pin
Detects thermal shut down (TSD) and outputs
High level
20
TORQUE 1
Motor torque switch setting pin
Torque 2, 1 = HH: 100%
LH: 85%
HL: 70%
LL: 50%
21
TORQUE 2
22
OUT A
Channel A output pin
23
MDT 1
Mixed Decay mode setting pins
MDT 2, 1 = HH: 100%
HL: 75%
LH: 37.5%
LL: 12.5%
24
MDT 2


Similar Part No. - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
More results

Similar Description - TB62209FG_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62209F TOSHIBA-TB62209F Datasheet
1Mb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB6560HQ TOSHIBA-TB6560HQ Datasheet
401Kb / 31P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6564AHQ TOSHIBA-TB6564AHQ Datasheet
521Kb / 39P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-03-01
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
TB62201AFG TOSHIBA-TB62201AFG Datasheet
1Mb / 89P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TB62202AFG TOSHIBA-TB62202AFG Datasheet
1Mb / 84P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com