Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-009120 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009120
Description  Miniature Broadband Gain Stage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009120 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-009120_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-009120_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-009120
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
3 Volt Application Section @ 70 MHz
Component List @ 3V
Part
Value
Case Style
C1 - C3
0.1 µF
0402
L1
80 nH
0805
L2
220 nH
0603
R1
3 Ω
0402
Application Layout Schematic @ 3V
S-Parameter Response @ 3 Volts
Noise Figure
P1dB
Typical Performance Curves: VDD = 3 V
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.04 0.05 0.06 0.07 0.08 0.09
0.1
0.11 0.12
S11
S21
S22
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.05
0.06
0.07
0.08
0.09
0.10
Frequency (GHz)
14
15
16
17
18
19
20
21
22
7
8
9 10 11 12 13 14 15 16 17 18 19 20
Output Power (dBm)


Similar Part No. - MAAL-009120_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120-001SMB MA-COM-MAAL-009120-001SMB Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120-TR1000 MA-COM-MAAL-009120-TR1000 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120-TR3000 MA-COM-MAAL-009120-TR3000 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009120_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com