Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-008091-000000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008091-000000
Description  High Dynamic Range Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008091-000000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008091-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
Rev. V2
MAAL-008091
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves:
TA = +25°C, Z0 = 50 Ω, VDD = 5 V, IDD = 60 mA unless otherwise specified
VSWR vs. Frequency
Gain vs. Frequency
Noise Figure vs. Frequency
Noise Figure vs. Current, F = 900 MHz
Output P1dB vs. Frequency
Output P1dB vs. Current, F = 900 MHz
12
13
14
15
16
17
0.5
0.7
0.9
1.1
3 Volts
5 Volts
8 Volts
Frequency (GHz)
1
2
3
4
5
0.5
0.7
0.9
1.1
INPUT
OUTPUT
Frequency (GHz)
1
1.1
1.2
1.3
1.4
0.80
0.85
0.90
0.95
1.0
Frequency (GHz)
Vdd = 3 to 8 Volts
1
1.1
1.2
1.3
1.4
20
40
60
80
IDD (mA)
Vdd = 3 to 8 Volts
8
12
16
20
24
0.80
0.85
0.90
0.95
1.0
3 VOLT
5 VOLT
6 VOLT
8 VOLT
Frequency (GHz)
8
12
16
20
24
20
40
60
80
3 VOLT
5 VOLT
6 VOLT
8 VOLT
IDD (mA)


Similar Part No. - MAAL-008091-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008091-000000 MACOM-MAAL-008091-000000 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - MAAL-008091-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com