Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-007080 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007080
Description  Contains Internal DC to DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007080 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007080 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-007080 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Rev. V5
MAAD-007080
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1 dB Steps to 50 dB
 Single Positive Supply
 Contains Internal DC to DC Converter
 Low DC Power Consumption
 Small Footprint, JEDEC Package
 Integral TTL Driver
 50 ohm Impedance
 Lead-Free CSP-1 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT90-1106
Description
The MAAD-007080 is a GaAs FET 6-bit digital
attenuator with integral TTL driver. Step size is 1 dB
providing a 50 dB total attenuation range. This
device is in a PQFN plastic surface mount package.
MAAD-007080 is ideally suited for use where
accuracy, fast speed, very low power consumption
and low costs are required.
For dual supply designs without switching noise, use
MAAD-007082-000100.
Ordering Information
Part Number
Package
MAAD-007080-00100
Bulk Packaging
MAAD-007080-001TR
1000 piece reel
MAAD-0007080-001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration1
Pin No.
Function
Pin No.
Function
1
C16
17
NC
2
C8
18
NC
3
C4
19
+Vcc
4
C2
20
NC
5
C1
21
Cp
6
C32
22
NC
7
GND
23
Cp
8
NC
24
NC
9
NC
25
-Vee3
10
NC2
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC2
14
NC
30
-Vee3
15
NC
31
NC
16
NC
32
+Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
2. Pins 10 & 29 must be isolated
3. -Vee is produced internally and requires a .1µF cap to GND.
Generated noise is typical of switching DC-DC Converters.


Similar Part No. - MAAD-007080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007080-000100 MACOM-MAAD-007080-000100 Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100_15 Datasheet
171Kb / 7P
   Digital Attenuator
logo
Tyco Electronics
MAAD-007080-0001TB MACOM-MAAD-007080-0001TB Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
More results

Similar Description - MAAD-007080

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007077 MA-COM-MAAD-007077_15 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007077 MA-COM-MAAD-007077 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079_15 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Recom International Pow...
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
   Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
   28V Internal Switch, Step-Up DC-DC Converter
2015
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com