Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21664G-13 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21664G-13
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21664G-13 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21664G-13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21664G-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
21644-DSH-001-B
Mindspeed Technologies
®
July 2013
Mindspeed Proprietary and Confidential
Features
• SMPTE 424M, SMPTE 292M, SMPTE 344M, SMPTE 259M, and
DVB-ASI compliant
• Robust adaptive cable equalization for up to 200 meters of Belden
1694A at 2.97 Gbps, up to 200 meters of Belden 1694A at
1.485 Gbps, and up to 400 meters of Belden 1694A at 270 Mbps
• Individually controllable dual differential output drivers with
programmable 8 dB of de-emphasis
• Optional 6 dB flatband gain at input
• Cable length indication
• SD, HD and 3G Data Rate Detection
• Optional four-wire serial digital interface
• Very low power consumption: 105 mW (single output), 120 mW
(dual output)
• Power down and mute features
• Extended operating temperature range: -40 °C to +85 °C
The M21644/54/64 are multi-rate, highly integrated, adaptive cable equalizers for SDI and DVB-ASI video as well as digital
audio applications. It provides adaptive, low noise, high gain equalization for 75
 coaxial cable at SDI data rates from
125 Mbps to 2.97 Gbps. The device is capable of compensating for losses accumulated across cable length up to 200 m when
operating at 2.97 Gbps.
The M21644/54 feature dual differential outputs, eliminating the need for additional circuitry and simplifying system design. Both
outputs feature programmable swing as well as de-emphasis for enabling the signal to be transmitted across 40" of FR4 trace.
The second, optional output may be disabled for additional power savings. The M21664 offers a single output solution with a
smaller footprint and maximum power savings.
The device operates using a single 2.5 V supply voltage and has extremely low power consumption dissipating only 105 mW
when one output driver is enabled. It may be used in either hardware mode, or controlled through a standard four-wire serial
digital interface. Furthermore, it features advanced diagnostic capabilities such as cable length indication, loss of signal
detection, and offers power management functions such as power down upon loss of signal.
The M21644/54/64 are offered in a green and RoHS compliant small footprint QFN package.
Functional Block Diagram
DE
& Prog.
Swing
Ctrl
DE
& Prog.
Swing
Ctrl
Digital Interface
Adaptive
EQ
Prog.
6 dB
Gain
LOS
Mute
SDI
SDO0
SDO1
MUX
Applications
• Broadcast video routing and production switchers
• Broadcast video distribution amplifiers
• Broadcast video cameras and monitors
M21644, M21654, M21664
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer


Similar Part No. - M21664G-13

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2166-4007-SS RAF-M2166-4007-SS Datasheet
97Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M21664G-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com