Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3823-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3823-Q1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3823-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3823-Q1 Datasheet HTML 1Page - Texas Instruments TPS3823-Q1 Datasheet HTML 2Page - Texas Instruments TPS3823-Q1 Datasheet HTML 3Page - Texas Instruments TPS3823-Q1 Datasheet HTML 4Page - Texas Instruments TPS3823-Q1 Datasheet HTML 5Page - Texas Instruments TPS3823-Q1 Datasheet HTML 6Page - Texas Instruments TPS3823-Q1 Datasheet HTML 7Page - Texas Instruments TPS3823-Q1 Datasheet HTML 8Page - Texas Instruments TPS3823-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
GND
3
4
RESET
MR
1
5
RESET
V
DD
2
GND
3
4
MR
WDI
1
5
RESET
V
DD
2
GND
3
4
RESET
WDI
1
5
RESET
V
DD
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
www.ti.com
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
5 Device Comparison Table
FIXED DELAY
DEVICE
RESET
RESET
WDI
MR
TIME
TPS3820-xx-Q1
Push-pull
X
X
25 ms
TPS3823-xx-Q1
Push-pull
X
X
200 ms
TPS3824-xx-Q1
Push-pull
X
200 ms
TPS3825-xx-Q1
Push-pull
Push-pull
X
200 ms
TPS3828-xx-Q1
Open-drain
X
X
200 ms
6 Pin Configuration and Functions
TPS3820-xx-Q1, TPS3823-xx-Q1, TPS3828-xx-Q1: DBV
TPS3824-xx-Q1: DBV PACKAGE
PACKAGE
5-Pin SOT-23
5-Pin SOT-23
Top View
Top View
TPS3825-xx-Q1: DBV PACKAGE
5-Pin SOT-23
Top View
Pin Functions
PIN
TPS3820
‑‑xx‑‑Q1,
I/O
DESCRIPTION
NAME
TPS3823
‑‑xx‑‑Q1,
TPS3824
‑‑xx‑‑Q1 TPS3825‑‑xx‑‑Q1
TPS3828
‑‑xx‑‑Q1
GND
2
2
2
Ground connection
Manual-reset input. Pull low to force a reset. RESET
remains low as long as MR is low and for the time-out
MR
3
4
I
period after MR goes high. Leave unconnected or
connect to VDD when unused.
Active-high reset output. Either push-pull or open-drain
RESET
3
3
O
output stage.
Active-low reset output. Either push-pull or open-drain
RESET
1
1
1
O
output stage.
Supply voltage. Powers the device and monitors its own
VDD
5
5
5
I
voltage.
Watchdog timer input. If WDI remains high or low longer
than the time-out period, then reset is triggered. The
timer clears when reset is asserted or when WDI sees a
WDI
4
4
I
rising edge or a falling edge. If unused, the WDI
connection must be high impedance to prevent it from
causing a reset event.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - TPS3823-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3823-25 TI1-TPS3823-25 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3823-25-Q1 TI1-TPS3823-25-Q1 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3823-25-Q1 TI1-TPS3823-25-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3823-25DBVR TI-TPS3823-25DBVR Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-25DBVR TI-TPS3823-25DBVR Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3823-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com