Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73150DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73150DBVR
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73150DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73150DBVR Datasheet HTML 7Page - Texas Instruments TPS73150DBVR Datasheet HTML 8Page - Texas Instruments TPS73150DBVR Datasheet HTML 9Page - Texas Instruments TPS73150DBVR Datasheet HTML 10Page - Texas Instruments TPS73150DBVR Datasheet HTML 11Page - Texas Instruments TPS73150DBVR Datasheet HTML 12Page - Texas Instruments TPS73150DBVR Datasheet HTML 13Page - Texas Instruments TPS73150DBVR Datasheet HTML 14Page - Texas Instruments TPS73150DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Servo
Error
Amp
Ref
27 kW
8 kW
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80 kW
4-MHZ
Charge Pump
TPS731
www.ti.com
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TPS731xx family of low-dropout linear regulators operates down to an input voltage of 1.7 V and supports
output voltages down to 1.2 V while sourcing up to 150 mA of load current. This linear regulator uses an NMOS
pass element with an integrated 4-MHz charge pump to provide a dropout voltage of less than 100 mV at full
load current. This unique architecture also permits stable regulation over a wide range of output capacitors. In
fact, the TPS731xx family of devices does not require any output capacitor for stability. The increased
insensitivity to the output capacitor value and type makes this family of linear regulators an ideal choice when
powering a load where the effective capacitance is unknown.
The TPS731xx family of devices also features a noise reduction (NR) pin that allows for additional reduction of
the output noise. With a noise reduction capacitor of 0.01 µF connected from the NR pin to GND, the TPS73115
output noise can be as low as 12.75 µVRMS. The low noise output featured by the TPS731xx family makes it well-
suited for powering VCOs or any other noise sensitive load.
7.2 Functional Block Diagrams
Figure 29. Fixed-Voltage Version
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS731


Similar Part No. - TPS73150DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73150DBVR TI-TPS73150DBVR Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73150DBVR TI-TPS73150DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73150DBVRG4 TI-TPS73150DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73150DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com