Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3823-50QDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3823-50QDBVRQ1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3823-50QDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3823-50QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS3823-50QDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
8.3.3 Push-Pull or Open-Drain Output
All TPS382x-xx-Q1 devices, except for TPS3828-xx-Q1, have push-pull outputs. TPS3828-xx-Q1 devices have
an open-drain output.
8.3.4 Watchdog Timer (WDI)
TPS3820/3/4/8-xx-Q1 devices have a watchdog timer that must be periodically triggered by either a positive or
negative transition at WDI to avoid a reset signal being issued. When the supervising system fails to retrigger the
watchdog circuit within the time-out interval, ttout, RESET becomes active for the time period td. This event also
reinitializes the watchdog timer.
The watchdog timer can be disabled by disconnecting the WDI pin from the system. If the WDI pin detects that it
is in a high-impedance state the TPS3820/3/4/8-xx-Q1 will generate its own WDI pulse to ensure that RESET
does not assert. If this behavior is not desired place a 1-k
Ω resistor from WDI to ground. This resistor will help
ensure that the TPS3820/3/4/8-xx-Q1 detects that WDI is not in a high-impedance state.
In applications where the input to the WDI pin is active (transitioning high and low) when the TPS3820/3/4/8-xx-
Q1 is asserting RESET, RESET will be stuck at a logic low after the input voltage returns above VIT–. If the
application requires that input to WDI be active when the reset signal is asserted, then use a FET to decouple
the WDI signal. An external FET decouples the WDI signal by disconnecting the WDI input when RESET is
asserted. For more details on this, see Decoupling WDI During Reset Event for more details.
8.4 Device Functional Modes
The device functions according to the inputs and outputs in Table 1.
Table 1. Function Table
INPUTS
OUTPUTS
MR (1)
VDD > VIT
RESET
RESET(2)
L
0
L
H
L
1
L
H
H
0
L
H
H
1
H
L
(1)
TPS3820/3/5/8-xx-Q1
(2)
TPS3824/5-xx-Q1
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - TPS3823-50QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3823-50QDBVRQ1 TI-TPS3823-50QDBVRQ1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-50QDBVRQ1 TI1-TPS3823-50QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3823-50QDBVRQ1 TI1-TPS3823-50QDBVRQ1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-50QDBVRQ1 TI1-TPS3823-50QDBVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3823-50QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com