Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3823-30QDBVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3823-30QDBVRQ1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3823-30QDBVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3823-30QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3823-30QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
–0.3
6
Voltage
V
RESET, RESET, MR, WDI
–0.3
(VDD + 0.3)
Maximum low output, IOL
–5
5
Current
Maximum high output, IOH
–5
5
mA
Output range (VO < 0 or VO > VDD), IOK
–10
10
Continuous total power dissipation
See Thermal Information
Operating free-air, TA
–40
125
Temperature
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.1
5.5
V
VI
Input voltage
0
VDD + 0.3
V
VIH
High-level input voltage at MR and WDI
0.7 × VDD
V
VIL
Low-level input voltage
0.3 × VDD
V
Δt/ΔV
Input transition rise and fall rate at MR or WDI
100
ns/V
TA
Operating free-air temperature range
–40
125
°C
7.4 Thermal Information
TPS382x-xx-Q1
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
209.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.8
°C/W
RθJB
Junction-to-board thermal resistance
36.7
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
35.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - TPS3823-30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3823-30QDBVRQ1 TI-TPS3823-30QDBVRQ1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3823-30QDBVRQ1 TI1-TPS3823-30QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3823-30QDBVRQ1 TI1-TPS3823-30QDBVRQ1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3823-30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com