Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73125DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS73125DBVRG4
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73125DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73125DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73125DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS731
www.ti.com
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V
(1), I
OUT = 10 mA, VEN = 1.7 V, and
COUT = 0.1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
1.7
5.5
V
VFB
Internal reference (TPS73101)
TJ = 25°C
1.198
1.20
1.210
V
Output voltage range (TPS73101)(2)
VFB
5.5 – VDO
V
Nominal
TJ = 25°C
–0.5%
0.5%
VOUT
Accuracy(1) (3)
VOUT + 0.5 V ≤ VIN ≤ 5.5 V;
VIN, IOUT, and T
–1%
±0.5%
1%
10 mA
≤ IOUT ≤ 150 mA
ΔVOUT(ΔVIN)
Line regulation(1)
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.01
%/V
1 mA
≤ IOUT ≤ 150 mA
0.002
ΔVOUT(ΔIOUT)
Load regulation
%/mA
10 mA
≤ IOUT ≤ 150 mA
0.0005
Dropout voltage(4)
VDO
IOUT = 150 mA
30
100
mV
(VIN = VOUT (nom) – 0.1V)
ZO(DO)
Output impedance in dropout
1.7 V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
150
360
500
mA
ISC
Short-circuit current
VOUT = 0 V
200
mA
IREV
Reverse leakage current(5) (–IIN)
VEN ≤ 0.5 V, 0V ≤ VIN ≤ VOUT
0.1
10
μA
IOUT = 10 mA (IQ)
400
550
IGND
GND pin current
μA
IOUT = 150 mA
550
750
VEN ≤ 0.5 V, VOUT ≤ VIN ≤ 5.5 V,
ISHDN
Shutdown current (IGND)
0.02
1
μA
–40°C
≤ TJ ≤ 100°C
IFB
FB pin current (TPS73101)
0.1
0.3
μA
f = 100 Hz, IOUT = 150 mA
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10 kHz, IOUT = 150 mA
37
COUT = 10 μF, No CNR
27 × VOUT
Output noise voltage
Vn
μVRMS
BW = 10Hz - 100kHz
COUT = 10 μF, CNR = 0.01 μF
8.5 × VOUT
VOUT = 3 V, RL = 30 Ω
tSTR
Startup time
600
μs
COUT = 1 μF, CNR = 0.01 μF
VEN(high)
EN pin high (enabled)
1.7
VIN
V
VEN(low)
EN pin low (shutdown)
0
0.5
V
IEN(high)
EN pin current (enabled)
VEN = 5.5V
0.02
0.1
μA
Shutdown
Temp increasing
160
TSD
Thermal shutdown temperature
°C
Reset
Temp decreasing
140
TJ
Operating junction temperature
–40
125
°C
(1)
Minimum VIN = VOUT + VDO or 1.7 V, whichever is greater.
(2)
TPS73101 is tested at VOUT = 2.5 V.
(3)
Tolerance of external resistors not included in this specification.
(4)
VDO is not measured for fixed output versions with VOUT(nom) < 1.8 V because minimum VIN = 1.7 V.
(5)
Fixed-voltage versions only; refer to Application Information for more information.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS731


Similar Part No. - TPS73125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73125DBVRG4 TI-TPS73125DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com