Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLJR156M010R2000 Datasheet(PDF) 2 Page - AVX Corporation

Part # TLJR156M010R2000
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJR156M010R2000 Datasheet(HTML) 2 Page - AVX Corporation

  TLJR156M010R2000 Datasheet HTML 1Page - AVX Corporation TLJR156M010R2000 Datasheet HTML 2Page - AVX Corporation TLJR156M010R2000 Datasheet HTML 3Page - AVX Corporation TLJR156M010R2000 Datasheet HTML 4Page - AVX Corporation TLJR156M010R2000 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
52
AUGUST 2014
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Capacitance
Rated Voltage DC to 40°C / 0.5DC to 85°C / 0.2DC to 125°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
6.8
685
10
106
N(2500)
S(2200)
T(1000)
R(2000,3000)
15
156
R(2000)
22
226
N(5400)/R(3500)
K(1800)/N(3800)
T(1000)
R(3800)
K(1700)/N(8000)
K(1500)/N(9600)
33
336
N(8000)/R(3000)
P(3000)/R(3000)
P(3500)
T(1000)
R(3500)/S(1500)
K(1500)/N(4000)
K(1500)/N(8300)
A(600)/G(1500)
47
476
P(3000)/R(3000)
P(700,900,1800,2500)
P(3200)/R(3200)
R(3200)/S(1500)
S(1500)/T(600)
K(1200)/N(8000)
A(500)/G(800)
68
686
P(3000)
K(2000)
A(1500)
R(2900)/S(1500)
S(1500)/T(600)
A(500)/G(800)
A(500,800)/G(800)
A(1400)
100
107
K(2000)/N(5200)
K(2000)
H(900)/T(900)
P(2700)/S(1400)
P(5400)/T(800)
150
157
A(800)/T(800)
A(900)/G(2500)*
B(500)
H(900)/T(1200)
W(150,200)
220
227
T(1100)
A(1100)/G(3000)
B(500)/T(2000)
F(300)
H(900)/T(1100)
W(200)
330
337
T(2700)/W(200)
F(300)
470
477
680
687
Y(100,150)
1000
108
1500
158
V(100)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating


Similar Part No. - TLJR156M010R2000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJR156M0102000 AVX-TLJR156M0102000 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJR156M010R2000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com