Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73215DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73215DBVR
Description  250-mA Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73215DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73215DBVR Datasheet HTML 5Page - Texas Instruments TPS73215DBVR Datasheet HTML 6Page - Texas Instruments TPS73215DBVR Datasheet HTML 7Page - Texas Instruments TPS73215DBVR Datasheet HTML 8Page - Texas Instruments TPS73215DBVR Datasheet HTML 9Page - Texas Instruments TPS73215DBVR Datasheet HTML 10Page - Texas Instruments TPS73215DBVR Datasheet HTML 11Page - Texas Instruments TPS73215DBVR Datasheet HTML 12Page - Texas Instruments TPS73215DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
60
50
40
30
20
10
0
C
OUT (mF)
0.1
1
10
V
OUT = 5.0 V
V
OUT = 3.3 V
V
OUT = 1.5 V
C
NR = 0.01 mF
10 Hz < Frequency < 100 kHz
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0 V
V
OUT = 3.3 V
V
OUT = 1.5 V
C
OUT = 0 m F
10Hz < Frequency < 100 kHz
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
COUT = 1mF
C
OUT = 0 mF
COUT = 10 mF
I
OUT = 150 mA
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
I
OUT = 150 mA
COUT = 1mF
C
OUT = 0 mF
COUT = 10mF
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency (Hz)
I
OUT = 1 mA
C
OUT = 1 mF
I
OUT = Any
C
OUT = 0 mF
V
IN = VOUT + 1 V
I
OUT = 1 mA
C
OUT = Any
I
OUT = 1 mA
C
OUT = 10mF
I
OUT = 100 mA
C
OUT = Any
I
OUT = 100 mA
C
OUT = 10 mF
I
O = 100 mA
C
O = 1mF
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
V
-
(V)
IN
OUT
Frequency = 10 kHz
C
= 10
V
= 2.5 V
I
= 100 mA
mF
OUT
OUT
OUT
TPS732
www.ti.com
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
Typical Characteristics (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 14. PSRR (Ripple Rejection) vs (VIN – VOUT)
Figure 13. PSRR (Ripple Rejection) vs Frequency
Figure 15. Noise Spectral Density CNR = 0 µF
Figure 16. Noise Spectral Density CNR = 0.01 µF
Figure 17. RMS Noise Voltage vs COUT
Figure 18. RMS Noise Voltage vs CNR
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS732


Similar Part No. - TPS73215DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73215DBVR TI-TPS73215DBVR Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI-TPS73215DBVR Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI-TPS73215DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVRG4 TI-TPS73215DBVRG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVRG4 TI-TPS73215DBVRG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73215DBVR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com