Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2-STW8Q14D Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # E2-STW8Q14D
Description  Enabling the Best lm/W in Mid Power Range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

E2-STW8Q14D Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button E2-STW8Q14D Datasheet HTML 4Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 5Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 6Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 7Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 8Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 9Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 10Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 11Page - Seoul Semiconductor E2-STW8Q14D Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
E2-STW8Q14D
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
8
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.3, Dec 21, 2015
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 6. Junction Temperature vs. Relative Luminous Intensity, I
F=65mA
Fig 7. Junction Temperature vs. Relative Forward Voltage, I
F=65mA
30
45
60
75
90
105
120
0.0
0.2
0.4
0.6
0.8
1.0
Junction temperature Tj(
OC)
30
45
60
75
90
105
120
0.0
0.2
0.4
0.6
0.8
1.0
Junction temperature Tj(
OC)


Similar Part No. - E2-STW8Q14D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2-10-2 ETC2-E2-10-2 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
E2-10-2-1 ETC2-E2-10-2-1 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
E2-10-20-038-0 ETC2-E2-10-20-038-0 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
E2-10-5 ETC2-E2-10-5 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
E2-10-5-1 ETC2-E2-10-5-1 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results

Similar Description - E2-STW8Q14D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9Q14D SEOUL-STW9Q14D Datasheet
1Mb / 31P
   Enabling the best lm-W in Mid Power Range
SFT825G-S SEOUL-SFT825G-S Datasheet
1,018Kb / 32P
   Enabling the best lm/W in Mid Power Range
SAW8Q24D SEOUL-SAW8Q24D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW7Q14D-E3 SEOUL-STW7Q14D-E3 Datasheet
864Kb / 23P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
   The Best lm-W in Full Color Products
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com